Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 751Page - Renesas Technology Corp H8S/2426 Datasheet HTML 752Page - Renesas Technology Corp H8S/2426 Datasheet HTML 753Page - Renesas Technology Corp H8S/2426 Datasheet HTML 754Page - Renesas Technology Corp H8S/2426 Datasheet HTML 755Page - Renesas Technology Corp H8S/2426 Datasheet HTML 756Page - Renesas Technology Corp H8S/2426 Datasheet HTML 757Page - Renesas Technology Corp H8S/2426 Datasheet HTML 758Page - Renesas Technology Corp H8S/2426 Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 727 of 1270
REJ09B0466-0100
(3)
Input Capture Function
The TCNT value can be transferred to TGR on detection of the TIOC pin input edge.
Rising edge, falling edge, or both edges can be selected as the detection edge. For channels 0, 1, 3,
4, 6, 7, 9, and 10 it is also possible to specify another channel’s counter input clock or compare
match signal as the input capture source.
Note:
When another channel’s counter input clock is used as the input capture input for channels
0, 3, 6, and 9,
φ/1 should not be selected as the counter input clock used for input capture
input. Input capture will not be generated if
φ/1 is selected.
(a)
Example of setting procedure for input capture operation
Figure 11.9 shows an example of the setting procedure for input capture operation.
Select input capture input
Input selection
Start count
<Input capture operation>
[1]
[2]
[1] Designate TGR as an input capture register by
means of TIOR, and select the input capture
source and input signal edge (rising edge, falling
edge, or both edges).
[2] Set the CST bit in TSTR to 1 to start the count
operation.
Figure 11.9 Example of Setting Procedure for Input Capture Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com