Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 843 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 843 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 839Page - Renesas Technology Corp H8S/2426 Datasheet HTML 840Page - Renesas Technology Corp H8S/2426 Datasheet HTML 841Page - Renesas Technology Corp H8S/2426 Datasheet HTML 842Page - Renesas Technology Corp H8S/2426 Datasheet HTML 843Page - Renesas Technology Corp H8S/2426 Datasheet HTML 844Page - Renesas Technology Corp H8S/2426 Datasheet HTML 845Page - Renesas Technology Corp H8S/2426 Datasheet HTML 846Page - Renesas Technology Corp H8S/2426 Datasheet HTML 847Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 843 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 815 of 1270
REJ09B0466-0100
13.7
Interrupt Sources
13.7.1
Interrupt Sources and DTC Activation
There are three 8-bit timer interrupt sources: CMIA, CMIB, and OVI. Their relative priorities are
shown in table 13.4. Each interrupt source is set as enabled or disabled by the corresponding
interrupt enable bit in TCR or TCSR, and independent interrupt requests are sent for each to the
interrupt controller. It is also possible to activate the DTC by means of CMIA and CMIB
interrupts.
Table 13.4
8-Bit Timer Interrupt Sources
Name
Interrupt Source
Interrupt Flag
DTC Activation
Priority
CMIA0
TCORA_0 compare match
CMFA
Possible
High
CMIB0
TCORB_0 compare match
CMFB
Possible
OVI0
TCNT_0 overflow
OVF
Not possible
Low
CMIA1
TCORA_1 compare match
CMFA
Possible
High
CMIB1
TCORB_1 compare match
CMFB
Possible
OVI1
TCNT_1 overflow
OVF
Not possible
Low
13.7.2
A/D Converter Activation
The A/D converter can be activated only by TMR_0 compare match A. If the ADTE bit in TCSR0
is set to 1 when the CMFA flag is set to 1 by the occurrence of TMR_0 compare match A, a
request to start A/D conversion is sent to the A/D converter. If the 8-bit timer conversion start
trigger has been selected on the A/D converter side at this time, A/D conversion is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com