Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 915 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 915 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 911Page - Renesas Technology Corp H8S/2426 Datasheet HTML 912Page - Renesas Technology Corp H8S/2426 Datasheet HTML 913Page - Renesas Technology Corp H8S/2426 Datasheet HTML 914Page - Renesas Technology Corp H8S/2426 Datasheet HTML 915Page - Renesas Technology Corp H8S/2426 Datasheet HTML 916Page - Renesas Technology Corp H8S/2426 Datasheet HTML 917Page - Renesas Technology Corp H8S/2426 Datasheet HTML 918Page - Renesas Technology Corp H8S/2426 Datasheet HTML 919Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 887 of 1270
REJ09B0466-0100
15.6
Operation in Clocked Synchronous Mode
Figure 15.14 shows the general format for clocked synchronous communication. In clocked
synchronous mode, data is transmitted or received in synchronization with clock pulses. One
character of communication data consists of 8-bit data. In clocked synchronous serial
communication, data on the transmission line is output from one falling edge of the serial clock to
the next. In clocked synchronous mode, the SCI receives data in synchronization with the rising
edge of the serial clock. After 8-bit data is output, the transmission line holds the MSB state. In
clocked synchronous mode, no parity or multiprocessor bit is added. Inside the SCI, the
transmitter and receiver are independent units, enabling full-duplex communication by use of a
common clock. Both the transmitter and the receiver also have a double-buffered structure, so that
data can be read or written during transmission or reception, enabling continuous data transfer.
Don’t care
Don’t care
One unit of transfer data (character or frame)
Bit 0
Serial
data
Serial
clock
Bit 1
Bit 3
Bit 4
Bit 5
LSB
MSB
Bit 2
Bit 6
Bit 7
*
Note:
* High except in continuous transfer
*
Figure 15.14 Data Format in Clocked Synchronous Communication (For LSB-First)
15.6.1
Clock
Either an internal clock generated by the on-chip baud rate generator or an external
synchronization clock input at the SCK pin can be selected, according to the setting of CKE1 and
CKE0 bits in SCR. When the SCI is operated on an internal clock, the serial clock is output from
the SCK pin. Eight serial clock pulses are output in the transfer of one character, and when no
transfer is performed the clock is fixed high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com