Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 920 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 920 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 916Page - Renesas Technology Corp H8S/2426 Datasheet HTML 917Page - Renesas Technology Corp H8S/2426 Datasheet HTML 918Page - Renesas Technology Corp H8S/2426 Datasheet HTML 919Page - Renesas Technology Corp H8S/2426 Datasheet HTML 920Page - Renesas Technology Corp H8S/2426 Datasheet HTML 921Page - Renesas Technology Corp H8S/2426 Datasheet HTML 922Page - Renesas Technology Corp H8S/2426 Datasheet HTML 923Page - Renesas Technology Corp H8S/2426 Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 892 of 1270
REJ09B0466-0100
Yes
<End>
[1]
No
Initialization
Start of reception
[2]
No
Yes
Read RDRF flag in SSR
[4]
[5]
Clear RE bit in SCR to 0
Error processing
(Continued below)
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
ORER = 1?
RDRF = 1?
All data received?
Read ORER flag in SSR
[1]
[2] [3]
[4]
[5]
SCI initialization:
The RxD pin is automatically
designated as the receive data
input pin.
Receive error handling:
If a receive error occurs, read the
ORER flag in SSR, and after
performing the appropriate error
handling, clear the ORER flag to
0. Transfer cannot be resumed if
the ORER flag is set to 1.
SCI status check and receive
data read:
Read SSR and check that the
RDRF flag is set to 1, then read
the receive data in RDR and
clear the RDRF flag to 0.
Transition of the RDRF flag from
0 to 1 can also be identified by
an RXI interrupt.
Serial reception continuation
procedure:
To continue serial reception,
before the MSB (bit 7) of the
current frame is received, finish
reading the RDRF flag, reading
RDR, and clearing the RDRF flag
to 0. The RDRF flag is cleared
automatically when the DMAC or
DTC is activated by a receive-
data-full interrupt (RXI) request
and the RDR value is read.
<End>
Error handling
Overrun error handling
[3]
Clear ORER flag in SSR to 0
Figure 15.19 Sample Serial Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com