Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 944 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 944 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 940Page - Renesas Technology Corp H8S/2426 Datasheet HTML 941Page - Renesas Technology Corp H8S/2426 Datasheet HTML 942Page - Renesas Technology Corp H8S/2426 Datasheet HTML 943Page - Renesas Technology Corp H8S/2426 Datasheet HTML 944Page - Renesas Technology Corp H8S/2426 Datasheet HTML 945Page - Renesas Technology Corp H8S/2426 Datasheet HTML 946Page - Renesas Technology Corp H8S/2426 Datasheet HTML 947Page - Renesas Technology Corp H8S/2426 Datasheet HTML 948Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 916 of 1270
REJ09B0466-0100
15.10.5
Relation between Writes to TDR and the TDRE Flag
The TDRE flag in SSR is a status flag that indicates that transmit data has been transferred from
TDR to TSR. When the SCI transfers data from TDR to TSR, the TDRE flag is set to 1.
Data can be written to TDR regardless of the state of the TDRE flag. However, if new data is
written to TDR when the TDRE flag is cleared to 0, the data stored in TDR will be lost since it has
not yet been transferred to TSR. It is therefore essential to check that the TDRE flag is set to 1
before writing transmit data to TDR.
15.10.6
Restrictions on Use of DMAC or DTC
• When an external clock source is used as the serial clock, the transmit clock should not be
input until at least 5
φ clock cycles after TDR is updated by the DMAC or DTC. Incorrect
operation may occur if the transmit clock is input within 4
φ clocks after TDR is updated.
(Figure 15.35)
• When RDR is read by the DMAC or DTC, be sure to set the activation source to the relevant
SCI receive-data-full interrupt (RXI).
t
D0
LSB
Serial data
SCK
D1
D3
D4
D5
D2
D6
D7
Note: When operating on an external clock, set t > 4 clocks.
TDRE
Figure 15.35 Example of Synchronous Transmission Using DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com