Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 980 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 980 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 976Page - Renesas Technology Corp H8S/2426 Datasheet HTML 977Page - Renesas Technology Corp H8S/2426 Datasheet HTML 978Page - Renesas Technology Corp H8S/2426 Datasheet HTML 979Page - Renesas Technology Corp H8S/2426 Datasheet HTML 980Page - Renesas Technology Corp H8S/2426 Datasheet HTML 981Page - Renesas Technology Corp H8S/2426 Datasheet HTML 982Page - Renesas Technology Corp H8S/2426 Datasheet HTML 983Page - Renesas Technology Corp H8S/2426 Datasheet HTML 984Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 980 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 952 of 1270
REJ09B0466-0100
16.5
Interrupt Request
There are six interrupt requests in this module; transmit data empty, transmit end, receive data full,
NACK detection, STOP recognition, and arbitration lost. Table 16.3 shows the contents of each
interrupt request.
Table 16.3
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
Transmit Data Empty
TXI
(TDRE=1) • (TIE=1)
Transmit End
TEI
(TEND=1) • (TEIE=1)
Receive Data Full
RXI
(RDRF=1) • (RIE=1)
STOP Recognition
STPI
(STOP=1) • (STIE=1)
NACK Detection
Arbitration Lost
NAKI
{(NACKF=1)+(AL=1)} • (NAKIE=1)
Interrupt exception handling is performed when the interrupt conditions listed in table 16.3 are set
to 1 and the CPU is ready to accept interrupts. During exception handling, the interrupt sources
should be cleared. Note, however, that TDRE and TEND are automatically cleared by writing
transmit data to ICDRT, and RDRF is automatically cleared by reading data from ICDRR. In
particular, if TDRE is set at the same time transmit data is written to ICDRT, and then TDRE is
cleared again, an extra byte of data may be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com