Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1027 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1027 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1031Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1027 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 999 of 1270
REJ09B0466-0100
Section 19 Synchronous Serial Communication Unit (SSU)
This LSI has one channel of synchronous serial communication unit (SSU). The SSU has master
mode in which this LSI outputs clocks as a master device for synchronous serial communication
and slave mode in which clocks are input from an external device for synchronous serial
communication. Synchronous serial communication can be performed with devices having
different clock polarity and clock phase. Figure 19.1 is a block diagram of the SSU.
19.1
Features
• Choice of SSU mode and clock synchronous mode
• Choice of master mode and slave mode
• Choice of standard mode and bidirectional mode
• Synchronous serial communication with devices with different clock polarity and clock phase
• Choice of 8/16/24/32-bit width of transmit/receive data
• Full-duplex communication capability
The shift register is incorporated, enabling transmission and reception to be executed
simultaneously.
• Consecutive serial communication
• Choice of LSB-first or MSB-first transfer
• Choice of a clock source
Seven internal clocks (
φ/4, φ/8, φ/16, φ/32, φ/64, φ/128, φ/256) or an external clock
• Five interrupt sources
Transmit-end, transmit-data-register-empty, receive-data-full, overrun-error, and conflict error
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com