Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1032 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1032 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1035Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1036Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1004 of 1270
REJ09B0466-0100
19.3.2
SS Control Register L (SSCRL)
SSCRL selects operating mode, software reset, and transmit/receive data length.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
6
SSUMS
0
R/W
Selects transfer mode from SSU mode and clock
synchronous mode.
0: SSU mode
1: Clock synchronous mode
5
SRES
0
R/W
Software Reset
Setting this bit to 1 forcibly resets the SSU internal
sequencer. After that, this bit is automatically cleared.
The ORER, TEND, TDRE, RDRF, and CE bits in SSSR
and the TE and RE bits in SSER are also initialized.
Values of other bits for SSU registers are held.
To stop transfer, set this bit to 1 to reset the SSU
internal sequencer.
4 to 2
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
1
0
DATS1
DATS0
0
0
R/W
R/W
Transmit/Receive Data Length Select
Select serial data length.
00: 8 bits
01: 16 bits
10: 32 bits
11: 24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com