Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1040 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1040 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1038Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1044Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1012 of 1270
REJ09B0466-0100
19.3.7
SS Transmit Data Registers 0 to 3 (SSTDR0 to SSTDR3)
SSTDR is an 8-bit register that stores transmit data. When 8-bit data length is selected by bits
DATS1 and DATS0 in SSCRL, SSTDR0 is valid. When 16-bit data length is selected, SSTDR0
and SSTDR1 are valid. When 24-bit data length is selected, SSTDR0, SSTDR1, and SSTDR2 are
valid. When 32-bit data length is selected, SSTDR0 to SSTDR3 are valid. Be sure not to access to
invalid SSTDRs.
When the SSU detects that SSTRSR is empty, it transfers the transmit data written in SSTDR to
SSTRSR and starts serial transmission. If the next transmit data has already been written to
SSTDR during serial transmission, the SSU performs consecutive serial transmission.
Although SSTDR can always be read from or written to by the CPU and DMAC, to achieve
reliable serial transmission, write transmit data to SSTDR after confirming that the TDRE bit in
SSSR is set to 1.
Table 19.2
Correspondence Between DATS Bit Setting and SSTDR
DATS[1:0] (SSCRL[1:0])
SSTDR
00
01
10
11 (Setting Invalid)
0
Valid
Valid
Valid
Valid
1
Invalid
Valid
Valid
Valid
2
Invalid
Invalid
Valid
Valid
3
Invalid
Invalid
Valid
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com