Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1070 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1070 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1071Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1072Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1073Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1074Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1070 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1042 of 1270
REJ09B0466-0100
Table 21.2
Overview of Flash Memory Programming Modes
Flash Memory Programming Mode
Item
User Programming
Mode
On-board Programming
Mode
Programmer Mode
Functional
overview
The user ROM is
programmed by the CPU
through execution of
software commands.
EW0 mode:
Programming can be
done from outside of
the flash memory.
The user ROM is programmed
through the on-chip SCI
interface.
Standard serial I/O mode 1:
Clock-synchronous serial I/O
Standard serial I/O mode 2:
Asynchronous serial I/O
The user ROM is
programmed through a
dedicated parallel
programmer.
Programmable
area
User ROM, Data Flash*
User ROM, Data Flash*
User ROM, Data Flash*
Operating
mode
Single-chip mode,
memory-expanded mode
(EW0 mode)
Boot mode
Programmer mode
ROM
programmer
Parallel programmer
Note:
*
Data flash is in planning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com