Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1115 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1115 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1114Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1115Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1116Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1117Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1118Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1115 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1087 of 1270
REJ09B0466-0100
(10) Erasure
Erasure is performed with the erasure selection and block erasure command.
Firstly, erasure is selected by the erasure selection command and the boot program then erases the
specified block. The command should be repeatedly executed if two or more blocks are to be
erased. Sending a block-erasure command from the host with the block number H'FF will stop the
erasure operating. On completion of erasing, the boot program will wait for selection of
programming or erasing.
The sequences of the issuing of erasure selection commands and the erasure of data are shown in
figure 21.13.
Transfer of erasure
program
Host
Boot program
Preparation for erasure (H'48)
ACK
Erasure
Erasure (Erasure block number)
Erasure (H'FF)
ACK
ACK
Repeat
Figure 21.13 Erasure Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com