Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1143 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1143 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1143 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1115 of 1270
REJ09B0466-0100
24.2.4
Hardware Standby Mode
(1) Transition to Hardware Standby Mode
When the
STBY pin is driven low, a transition is made to hardware standby mode from any mode.
In hardware standby mode, all functions enter the reset state and stop operation, resulting in a
significant reduction in power dissipation. As long as the prescribed voltage is supplied, on-chip
RAM data is retained. I/O ports are set to the high-impedance state.
In order to retain on-chip RAM data, the RAME bit in SYSCR should be cleared to 0 before
driving the
STBY pin low. Do not change the state of the mode pins (MD2 to MD0) while this
LSI is in hardware standby mode.
(2) Clearing Hardware Standby Mode
Hardware standby mode is cleared by means of the
STBY pin and the RES pin. When the STBY
pin is driven high while the
RES pin is low, the reset state is set and clock oscillation is started.
Ensure that the
RES pin is held low until the clock oscillator stabilizes (for details on the
oscillation stabilization time, see table 24.2). When the
RES pin is subsequently driven high, a
transition is made to the program execution state via the reset exception handling state.
(3) Hardware Standby Mode Timing
Figure 24.3 shows an example of hardware standby mode timing.
When the
STBY pin is driven low after the RES pin has been driven low, a transition is made to
hardware standby mode. Hardware standby mode is cleared by driving the
STBY pin high,
waiting for the oscillation stabilization time, then changing the
RES pin from low to high.
Oscillator
RES
STBY
Oscillation
stabilization
time
Reset
exception
handling
Figure 24.3 Hardware Standby Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com