Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1237 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1237 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1233Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1234Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1235Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1236Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1237Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1238Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1239Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1240Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1237 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1209 of 1270
REJ09B0466-0100
Notes:
1.
In the system where multiple programming are executed, erase once so as to effectively diminish
the programming times after having written with leaving the blank area as least as possible by
shifting writing address one by one.
For example, if 16 bytes per 1 set is being programmed, erase once after maximum 256 sets of
programming has been done, which diminish the effective programming times.
Keep the information of the times of erasure and set up the limitation times is recommended.
2. If an erase error is occurred, execute the clear status command -> erase command for at least 3
times until no erase error is occurred.
*1. Determination of the number of times the programming /erase operation.
Number of times the programming / erase performed in each block.
When the number of times the programming / erase is n times (n = 100), data can be erased n
times in each block.
For example, if 4 bytes programming is done 1024 times, each at a different address in a 4-kbyte
per block, and then the block is erased, number of times the programming / erase can be one time.
However, programming cannot be done multiple times in the block (overwriting is prohibited).
*2. Number of times that ensures all the electrical characteristics.
*3 As for the data flush is under planning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com