Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 135Page - Renesas Technology Corp H8S/2426 Datasheet HTML 136Page - Renesas Technology Corp H8S/2426 Datasheet HTML 137Page - Renesas Technology Corp H8S/2426 Datasheet HTML 138Page - Renesas Technology Corp H8S/2426 Datasheet HTML 139Page - Renesas Technology Corp H8S/2426 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 108 of 1270
REJ09B0466-0100
5.3.2
Interrupt Priority Registers A to N (IPRA to IPRN)
IPR are eleven 16-bit readable/writable registers that set priorities (levels 7 to 0) for interrupts
other than NMI.
The correspondence between interrupt sources and IPR settings is shown in table 5.2 (Interrupt
Sources, Vector Addresses, and Interrupt Priorities). Setting a value in the range from H'0 to H'7
in the 3-bit groups of bits 14 to 12, 10 to 8, 6 to 4, and 2 to 0 sets the priority of the corresponding
interrupt. IPR should be read in word size.
Bit
Bit Name
Initial Value
R/W
Description
15
—
0
—
Reserved
This bit is always read as 0 and the initial value
should not be changed.
14
13
12
IPR14
IPR13
IPR12
1
1
1
R/W
R/W
R/W
Sets the priority of the corresponding interrupt
source.
000: Priority level 0 (Lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (Highest)
11
—
0
—
Reserved
This bit is always read as 0 and the initial value
should not be changed.
10
9
8
IPR10
IPR9
IPR8
1
1
1
R/W
R/W
R/W
Sets the priority of the corresponding interrupt
source.
000: Priority level 0 (Lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (Highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com