Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 148Page - Renesas Technology Corp H8S/2426 Datasheet HTML 149Page - Renesas Technology Corp H8S/2426 Datasheet HTML 150Page - Renesas Technology Corp H8S/2426 Datasheet HTML 151Page - Renesas Technology Corp H8S/2426 Datasheet HTML 152Page - Renesas Technology Corp H8S/2426 Datasheet HTML 153Page - Renesas Technology Corp H8S/2426 Datasheet HTML 154Page - Renesas Technology Corp H8S/2426 Datasheet HTML 155Page - Renesas Technology Corp H8S/2426 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 124 of 1270
REJ09B0466-0100
A block diagram of IRQn interrupts is shown in figure 5.2.
IRQn interrupt
request
IRQnE
IRQnF
S
R
Q
Clear signal
Edge/
level detection
circuit
IRQnSCA, IRQnSCB
IRQn
input
Note: n = 0 to 15 for H8S/2426 Group and H8S/2426R Group, n = 0 to 7 for H8S/2424 Group
Figure 5.2 Block Diagram of IRQ Interrupts
5.4.2
Internal Interrupts
The sources for internal interrupts from on-chip peripheral modules have the following features:
• For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that select enabling or disabling of these interrupts. They can be controlled
independently. When the enable bit is set to 1, an interrupt request is issued to the interrupt
controller.
• The interrupt priority level can be set by means of IPR.
• The DMAC and DTC can be activated by a TPU, SCI, or other interrupt request.
• When the DMAC or DTC is activated by an interrupt request, it is not affected by the interrupt
control mode or CPU interrupt mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com