Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 156Page - Renesas Technology Corp H8S/2426 Datasheet HTML 157Page - Renesas Technology Corp H8S/2426 Datasheet HTML 158Page - Renesas Technology Corp H8S/2426 Datasheet HTML 159Page - Renesas Technology Corp H8S/2426 Datasheet HTML 160Page - Renesas Technology Corp H8S/2426 Datasheet HTML 161Page - Renesas Technology Corp H8S/2426 Datasheet HTML 162Page - Renesas Technology Corp H8S/2426 Datasheet HTML 163Page - Renesas Technology Corp H8S/2426 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 132 of 1270
REJ09B0466-0100
5.6
Interrupt Control Modes and Interrupt Operation
The interrupt controller has two modes: interrupt control mode 0 and interrupt control mode 2.
Interrupt operations differ depending on the interrupt control mode. The interrupt control mode is
selected by INTCR. Table 5.3 shows the differences between interrupt control mode 0 and
interrupt control mode 2.
Table 5.3
Interrupt Control Modes
Interrupt
Control Mode
Priority Setting
Registers
Interrupt
Mask Bits
Description
0
Default
I
The priorities of interrupt sources are fixed at
the default settings.
Interrupt sources except for NMI is masked by
the I bit.
2
IPR
I2 to I0
8 priority levels except for NMI can be set with
IPR.
8-level interrupt mask control is performed by
bits I2 to I0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com