Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 182Page - Renesas Technology Corp H8S/2426 Datasheet HTML 183Page - Renesas Technology Corp H8S/2426 Datasheet HTML 184Page - Renesas Technology Corp H8S/2426 Datasheet HTML 185Page - Renesas Technology Corp H8S/2426 Datasheet HTML 186Page - Renesas Technology Corp H8S/2426 Datasheet HTML 187Page - Renesas Technology Corp H8S/2426 Datasheet HTML 188Page - Renesas Technology Corp H8S/2426 Datasheet HTML 189Page - Renesas Technology Corp H8S/2426 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 158 of 1270
REJ09B0466-0100
• WTCRBL
Bit
Bit Name
Initial Value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
6
5
4
W12
W11
W10
1
1
1
R/W
R/W
R/W
Area 1 Wait Control 2 to 0
These bits select the number of program wait
states when accessing area 1 while AST1 bit in
ASTCR = 1.
000: Program wait not inserted
001: 1 program wait state inserted
010: 2 program wait states inserted
011: 3 program wait states inserted
100: 4 program wait states inserted
101: 5 program wait states inserted
110: 6 program wait states inserted
111: 7 program wait states inserted
3
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
2
1
0
W02
W01
W00
1
1
1
R/W
R/W
R/W
Area 0 Wait Control 2 to 0
These bits select the number of program wait
states when accessing area 0 while AST0 bit in
ASTCR = 1.
000: Program wait not inserted
001: 1 program wait state inserted
010: 2 program wait states inserted
011: 3 program wait states inserted
100: 4 program wait states inserted
101: 5 program wait states inserted
110: 6 program wait states inserted
111: 7 program wait states inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com