Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 248Page - Renesas Technology Corp H8S/2426 Datasheet HTML 249Page - Renesas Technology Corp H8S/2426 Datasheet HTML 250Page - Renesas Technology Corp H8S/2426 Datasheet HTML 251Page - Renesas Technology Corp H8S/2426 Datasheet HTML 252Page - Renesas Technology Corp H8S/2426 Datasheet HTML 253Page - Renesas Technology Corp H8S/2426 Datasheet HTML 254Page - Renesas Technology Corp H8S/2426 Datasheet HTML 255Page - Renesas Technology Corp H8S/2426 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 224 of 1270
REJ09B0466-0100
6.7.8
Precharge State Control
When DRAM is accessed, a
RAS precharge time must be secured. With this LSI, one T
p state is
always inserted when DRAM space is accessed. From one to four T
p states can be selected by
setting bits TPC1 and TPC0 in DRACCR. Set the optimum number of T
p cycles according to the
DRAM connected and the operating frequency of this LSI. Figure 6.37 shows the timing when
two T
p states are inserted. The setting of bits TPC1 and TPC0 is also valid for Tp states in refresh
cycles.
Tp1
RASn (CSn)
Read
Write
UCAS, LCAS
WE (HWR)
OE (RD)
Data bus
WE (HWR)
OE (RD)
Data bus
Address bus
φ
Tp2
Tr
Tc1
Tc2
Row address
Column address
High
High
Note: n = 2 to 5
Figure 6.37 Example of Timing with Two-State Precharge Cycle
(RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com