Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 266Page - Renesas Technology Corp H8S/2426 Datasheet HTML 267Page - Renesas Technology Corp H8S/2426 Datasheet HTML 268Page - Renesas Technology Corp H8S/2426 Datasheet HTML 269Page - Renesas Technology Corp H8S/2426 Datasheet HTML 270Page - Renesas Technology Corp H8S/2426 Datasheet HTML 271Page - Renesas Technology Corp H8S/2426 Datasheet HTML 272Page - Renesas Technology Corp H8S/2426 Datasheet HTML 273Page - Renesas Technology Corp H8S/2426 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 242 of 1270
REJ09B0466-0100
(2) When DDS = 0 or EDDS = 0
When DRAM space is accessed in DMAC or EXDMAC single address transfer mode, full access
(normal access) is always performed. With the DRAM interface, the
DACK or EDACK output
goes low from the T
r state.
In modes other than DMAC or EXDMAC single address transfer mode, burst access can be used
when accessing DRAM space.
Figure 6.54 shows the
DACK or EDACK output timing for the DRAM interface when DDS = 0 or
EDDS = 0.
Tp
RASn (CSn)
Read
Write
UCAS, LCAS
WE (HWR)
OE (RD)
Data bus
WE (HWR)
OE (RD)
Data bus
DACK or EDACK
Address bus
φ
Tr
Tc1
Tc2
Note: n = 2 to 5
Tc3
Row address
Column address
High
High
Figure 6.54 Example of
DACK/EDACK Output Timing when DDS = 0 or EDDS = 0
(RAST = 0, CAST = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com