Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 278Page - Renesas Technology Corp H8S/2426 Datasheet HTML 279Page - Renesas Technology Corp H8S/2426 Datasheet HTML 280Page - Renesas Technology Corp H8S/2426 Datasheet HTML 281Page - Renesas Technology Corp H8S/2426 Datasheet HTML 282Page - Renesas Technology Corp H8S/2426 Datasheet HTML 283Page - Renesas Technology Corp H8S/2426 Datasheet HTML 284Page - Renesas Technology Corp H8S/2426 Datasheet HTML 285Page - Renesas Technology Corp H8S/2426 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 254 of 1270
REJ09B0466-0100
6.8.10
Bus Cycle Control in Write Cycle
By setting the SDWCD bit of the DRACCR to 1, the CAS latency control cycle (Tc1) that is
inserted by the WTCRB register in the write access of the synchronous DRAM can be disabled.
Disabling the CAS latency control cycle can reduce the write-access cycle count as compared to
synchronous DRAM read access. Figure 6.60 shows the write access timing when the CAS
latency control cycle is disabled.
Tp
SDRAM
φ
RAS
CAS
WE
CKE
PALL
ACTV
WRIT
NOP
DQMU, DQML
Data bus
Address bus
φ
Tr
Tc1
Tc2
Row address
Column address
Column address
Precharge-sel
Row address
High
Figure 6.60 Example of Write Access Timing when CAS Latency Control Cycle Is Disabled
(SDWCD = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com