Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 287Page - Renesas Technology Corp H8S/2426 Datasheet HTML 288Page - Renesas Technology Corp H8S/2426 Datasheet HTML 289Page - Renesas Technology Corp H8S/2426 Datasheet HTML 290Page - Renesas Technology Corp H8S/2426 Datasheet HTML 291Page - Renesas Technology Corp H8S/2426 Datasheet HTML 292Page - Renesas Technology Corp H8S/2426 Datasheet HTML 293Page - Renesas Technology Corp H8S/2426 Datasheet HTML 294Page - Renesas Technology Corp H8S/2426 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 263 of 1270
REJ09B0466-0100
TRp
SDRAM
φ
RAS
CAS
WE
CKE
PALL
NOP
REF
Address bus
TRr
TRc1
TRc2
Precharge-sel
High
φ
Figure 6.66 Auto Refresh Timing
When the interval specification from the PALL command to the REF command cannot be
satisfied, setting the RCW1 and RCW0 bits of REFCR enables one to three wait states to be
inserted after the T
Rp cycle that is set by the TPC1 and TPC0 bits of DRACCR. Set the optimum
number of waits according to the synchronous DRAM connected and the operating frequency of
this LSI. Figure 6.67 shows the timing when one wait state is inserted. Since the setting of bits
TPC1 and TPC0 of DRACCR is also valid in refresh cycles, the command interval can be
extended by the RCW1 and RCW0 bits after the precharge cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com