Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 305Page - Renesas Technology Corp H8S/2426 Datasheet HTML 306Page - Renesas Technology Corp H8S/2426 Datasheet HTML 307Page - Renesas Technology Corp H8S/2426 Datasheet HTML 308Page - Renesas Technology Corp H8S/2426 Datasheet HTML 309Page - Renesas Technology Corp H8S/2426 Datasheet HTML 310Page - Renesas Technology Corp H8S/2426 Datasheet HTML 311Page - Renesas Technology Corp H8S/2426 Datasheet HTML 312Page - Renesas Technology Corp H8S/2426 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 281 of 1270
REJ09B0466-0100
(5) Idle Cycle in Case of DRAM Space Access after Normal Space Access
In a DRAM space access following a normal space access, the settings of bits ICIS2, ICIS1,
ICIS0, and IDLC in BCR are valid. However, in the case of consecutive reads in different areas,
for example, if the second read is a full access to DRAM space, only a T
p cycle is inserted, and a
T
i cycle is not. The timing in this case is shown in figure 6.81.
T1
Address bus
φ
RD
External read
Data bus
T2
T3
Tp
Tr
DRAM space read
Tc1
Tc2
Figure 6.81 Example of DRAM Full Access after External Read
(CAST = 0)
In burst access in RAS down mode, the settings of bits ICIS2, ICIS1, ICIS0, and IDLC are valid
and an idle cycle is inserted. The timing in this case is illustrated in figures 6.82 and 6.83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com