Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M16C80 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M16C80
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C80 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M16C80 Datasheet HTML 35Page - Renesas Technology Corp M16C80 Datasheet HTML 36Page - Renesas Technology Corp M16C80 Datasheet HTML 37Page - Renesas Technology Corp M16C80 Datasheet HTML 38Page - Renesas Technology Corp M16C80 Datasheet HTML 39Page - Renesas Technology Corp M16C80 Datasheet HTML 40Page - Renesas Technology Corp M16C80 Datasheet HTML 41Page - Renesas Technology Corp M16C80 Datasheet HTML 42Page - Renesas Technology Corp M16C80 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 358 page
background image
9
2
3
f
o
5
0
0
2
,
2
0
.
g
u
A
0
0
.
1
.
v
e
R
0
0
1
0
-
7
8
1
0
B
9
0
J
E
R
Page 28
6. Processor Mode
p
u
o
r
G
0
8
/
C
6
1
M
Figure 6.2 Processor mode register 1
Processor mode register 1 (Note 1) :Flash memory version
Symbol
Address
When reset
PM1
000516
0016
Bit name
Function
Bit symbol
b7 b6
b5
b4
b3
b2
b1 b0
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to this register.
Note 2: When mode 3 is selected, DRAMC is not used.
Note 3: Valid in memory expansion mode or in microprocessor mode.
Note 4: When selecting P53/BCLK, set bits 0 and 1 of system clock control register 0 (CM00, CM01) to "0".
Note 5: Rewrite this bit when the main clock is in division by 8 mode.
ALE pin select bit (Note 3)
0 0 : No ALE
0 1 : P53/BCLK (Note 4)
1 0 : P56/RAS
1 1 : P54/HLDA
b5 b4
PM15
PM14
Reserved bit
Must always be set to “0”
W
R
Reserved bit
Must always be set to “1” (Note 5)
0
PM12
Internal memory wait bit
0 : No wait state
1 : Wait state inserted
External memory area
mode bit (Note 3)
0 0 : Mode 0 (P44 to P47 : A20 to A23)
0 1 : Mode 1 (P44 : A20,
P45 to P47 : CS2 to CS0)
1 0 : Mode 2 (P44, P45 : A20, A21,
P46, P47 : CS1, CS0)
1 1 : Mode 3 (Note 2)
(P44 to P47 : CS3 to CS0)
b1 b0
PM11
PM10
Processor mode register 1 (Note 1) :Mask ROM version
ROMless version (144-pin version)
Symbol
Address
When reset
PM1
000516
0016
Bit name
Function
Bit symbol
b7
b6
b5 b4
b3
b2
b1
b0
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to this register.
Note 2: When mode 3 is selected, DRAMC is not used.
Note 3: Valid in memory expansion mode or in microprocessor mode.
Note 4: When selecting P53/BCLK, set bits 0 and 1 of system clock control register 0 (CM00, CM01) to "0".
ALE pin select bit (Note 3)
0 0 : No ALE
0 1 : P53/BCLK (Note 4)
1 0 : P56/RAS
1 1 : P54/HLDA
b5 b4
PM15
PM14
Reserved bit
Must always be set to “0”
W
R
Nothing is assinged. When read, the content is indeterminate.
0
PM12
Internal memory wait bit
0 : No wait state
1 : Wait state inserted
External memory area
mode bit (Note 3)
0 0 : Mode 0 (P44 to P47 : A20 to A23)
0 1 : Mode 1 (P44 : A20,
P45 to P47 : CS2 to CS0)
1 0 : Mode 2 (P44, P45 : A20, A21,
P46, P47 : CS1, CS0)
1 1 : Mode 3 (Note 2)
(P44 to P47 : CS3 to CS0)
b1 b0
PM11
PM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com