Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M16C80 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M16C80
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C80 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M16C80 Datasheet HTML 17Page - Renesas Technology Corp M16C80 Datasheet HTML 18Page - Renesas Technology Corp M16C80 Datasheet HTML 19Page - Renesas Technology Corp M16C80 Datasheet HTML 20Page - Renesas Technology Corp M16C80 Datasheet HTML 21Page - Renesas Technology Corp M16C80 Datasheet HTML 22Page - Renesas Technology Corp M16C80 Datasheet HTML 23Page - Renesas Technology Corp M16C80 Datasheet HTML 24Page - Renesas Technology Corp M16C80 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 358 page
background image
9
2
3
f
o
5
0
0
2
,
2
0
.
g
u
A
0
0
.
1
.
v
e
R
0
0
1
0
-
7
8
1
0
B
9
0
J
E
R
Page 10
1. Overview
p
u
o
r
G
0
8
/
C
6
1
M
Pin Description (2)
Signal name
Function
Pin name
I/O type
I/O port P5
I/O
I/O
I/O
I/O
I/O
I/O
I
I/O
I/O
I/O port P6
I/O port P7
I/O port P8
I/O port P85
I/O port P9
I/O port P10
P50 to P57
P60 to P67
P70 to P77
P80 to P84,
P86,
P87,
P85
P90 to P97
P100 to P107
This is an 8-bit I/O port equivalent to P0. P53 in this port outputs a
divide-by-8 or divide-by-32 clock of XIN or a clock of the same
frequency as XCIN as selected by software.
O
O
O
O
O
I
O
I
This is an 8-bit I/O port equivalent to P0. When set for input in single
chip mode, microprocessor mode and memory expansion mode the
user can specify in units of four bits via software whether or not they
are tied to a pull-up resistance. Pins in this port also function as
UART0 and UART1 I/O pins as selected by software.
This is an 8-bit I/O port equivalent to P6 (P70 and P71 are N-channel
open drain output). Pins in this port also function as timer A0–A3,
timer B5 or UART2 I/O pins as selected by software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also
function as UART3 and UART4 I/O pins, Timer B0–B4 input pins, D/A
converter output pins, A/D converter extended input pins, or A/D
trigger input pins as selected by software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also
function as A/D converter input pins. Furthermore, P104–P107 also
function as input pins for the key input interrupt function.
WRL / WR,
WRH / BHE,
RD,
BCLK,
HLDA,
HOLD,
ALE,
RDY
Output WRL, WRH (WR and BHE), RD, BCLK, HLDA, and ALE
signals. WRL and WRH, and BHE and WR can be switched using
software control.
WRL, WRH, and RD selected
With a 16-bit external data bus, data is written to even addresses
when the WRL signal is “L” and to the odd addresses when the
WRH signal is “L”. Data is read when RD is “L”.
WR, BHE, and RD selected
Data is written when WR is “L”. Data is read when RD is “L”. Odd
addresses are accessed when BHE is “L”. Use this mode when
using an 8-bit external data bus.
While the input level at the HOLD pin is “L”, the microcomputer is
placed in the hold state. While in the hold state, HLDA outputs an “L”
level. ALE is used to latch the address. While the input level of the
RDY pin is “L”, the bus of microcomputer is in the wait state.
P80 to P84, P86, and P87 are I/O ports with the same functions as P6.
Using software, they can be made to function as the I/O pins for timer
A4 and the input pins for external interrupts. P86 and P87 can be set
using software to function as the I/O pins for a sub clock generation
circuit. In this case, connect a quartz oscillator between P86 (XCOUT
pin) and P87 (XCIN pin). P85 is an input-only port that also functions
for NMI. The NMI interrupt is generated when the input at this pin
changes from “H” to “L”. The NMI function cannot be canceled using
software. The pull-up cannot be set for this pin.
DW,
CASL,
CASH,
RAS
O
O
O
O
When accessing to DRAM area while DW signal is “L”, write to DRAM.
CASL and CASH show timing when latching to line address. When
CASL accesses to even address, and CASH to odd, these two pins
become “L”. RAS signal shows timing when latching to row address.
P40 to P47
I/O port P4
This is an 8-bit I/O port equivalent to P0.
I/O
O
O
CS0 to CS3
These pins output CS0–CS3 signals. CS0–CS3 are chip select
signals used to specify an access space.
A16 to A22,
A23
O
These pins output 8 high-order address bits (A16–A22, A23). Highest
address bit (A23) outputs inversely.
MA8 to MA12
If accessing to DRAM area, these pins output row address and
column address separated in time by multiplexing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com