Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M16C80 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M16C80
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C80 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M16C80 Datasheet HTML 82Page - Renesas Technology Corp M16C80 Datasheet HTML 83Page - Renesas Technology Corp M16C80 Datasheet HTML 84Page - Renesas Technology Corp M16C80 Datasheet HTML 85Page - Renesas Technology Corp M16C80 Datasheet HTML 86Page - Renesas Technology Corp M16C80 Datasheet HTML 87Page - Renesas Technology Corp M16C80 Datasheet HTML 88Page - Renesas Technology Corp M16C80 Datasheet HTML 89Page - Renesas Technology Corp M16C80 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 358 page
background image
9
2
3
f
o
5
0
0
2
,
2
0
.
g
u
A
0
0
.
1
.
v
e
R
0
0
1
0
-
7
8
1
0
B
9
0
J
E
R
Page 75
9. Interrupt Outline
p
u
o
r
G
0
8
/
C
6
1
M
______
Figure 9.12 Switching condition of INT interrupt request
Set the polarity select bit
Clear the interrupt request bit to “0”
Set the interrupt priority level to level 1 to 7
(Enable the accepting of INT interrupt request)
Set the interrupt priority level to level 0
(Disable INT interrupt)
(5) Rewrite the interrupt control register
• When a instruction to rewrite the interrupt control register is executed but the interrupt is disabled, the
interrupt request bit is not set sometimes even if the interrupt request for that register has been gener-
ated. This will depend on the instruction. If this creates problems, use the below instructions to change
the register.
Instructions : AND, OR, BCLR, BSET
• When attempting to clear the interrupt request bit of an interrupt control register, the interrupt request
bit is not cleared sometimes. This will depend on the instruction. If this creates problems, use the
below instructions to change the register.
Instructions : MOV
(6) Address match interrupt
• Do not set the following addresses to the address match interrupt register.
1. The address of the starting instruction in an interrupt routine.
2. Any of the next 7 instructions addresses immediately after an instruction to clear an interrupt request
bit of an interrupt control register or an instruction to rewrite an interrupt priority level to a smaller value.
3. Any of the next 3 instructions addresses immediately after an instruction to set the interrupt enable
flag (I flag).
4. Any of the next 3 instructions addresses immediately after an instruction to rewrite a processor inter-
rupt priority level (IPL) to a smaller value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com