Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP6015 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6015 Datasheet HTML 1Page - Diodes Incorporated AP6015 Datasheet HTML 2Page - Diodes Incorporated AP6015 Datasheet HTML 3Page - Diodes Incorporated AP6015 Datasheet HTML 4Page - Diodes Incorporated AP6015 Datasheet HTML 5Page - Diodes Incorporated AP6015 Datasheet HTML 6Page - Diodes Incorporated AP6015 Datasheet HTML 7Page - Diodes Incorporated AP6015 Datasheet HTML 8Page - Diodes Incorporated AP6015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev.
2
1 of 18
AUGUST 2008
www.diodes.com
© Diodes Incorporated
Features
General Description
The AP6015 is the first device in a family of low-noise
synchronous step-down DC-DC converters.
It is ideally suited
for systems powered by either a 1-cell Li-ion battery or a 2- to
3-cell NiCd/ NiMH/ Alkaline battery.
•
High efficiency synchronous step-down converter with
greater than 94%
•
2.5V to 5.5V operating input voltage range
•
Adjustable output voltage range from 0.8V to VIN
•
Fixed output voltage options: 1.8V, 2.5V and 3.3V
The AP6015 is a synchronous PWM converter with integrated
N- and P-channel power MOSFET switches.
Compared to the
asynchronous topology, synchronous rectification offers the
benefits of higher efficiency and reduced component count.
The
high operating frequency of 1MHz allows small inductor and
capacitor to be used.
This results in small pcb area.
During
shut-down, the standby current drops to 1
μA or less.
The
AP6015 is available in the 10-pin MSOP package.
It operates
over a free-air temperature range of -40
oC to 85o C.
•
Up to 800mA output current
•
High efficiency over a wide range of load currents
•
PWM operation mode
•
Internal soft-start function
•
Typical quiescent current of 150
μA
•
MSOP-10L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Mobile Handsets
•
PDAs, Ultra Mobile PCs
•
Portable Media Players, Digital Still/Video Cameras
•
USB-based DSL Modems
•
LAN/WLAN/WPAN/WWAN Modules
Ordering Information
Package
M10 : MSOP-10L
AP 6015 - XX M10 G - 13
Packing
13 : Tape & Reel
Voltage
18 : 1.8V
25 : 2.5V
33 : 3.3V
Blank : Adj
Lead Free
G : Green
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP6015-XXM10G-13
M10
MSOP-10L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP6015

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
AP6015-XXM10G-13 DIODES-AP6015-XXM10G-13 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
More results

Similar Description - AP6015

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com