Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP6015 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP6015 Datasheet HTML 1Page - Diodes Incorporated AP6015 Datasheet HTML 2Page - Diodes Incorporated AP6015 Datasheet HTML 3Page - Diodes Incorporated AP6015 Datasheet HTML 4Page - Diodes Incorporated AP6015 Datasheet HTML 5Page - Diodes Incorporated AP6015 Datasheet HTML 6Page - Diodes Incorporated AP6015 Datasheet HTML 7Page - Diodes Incorporated AP6015 Datasheet HTML 8Page - Diodes Incorporated AP6015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev.
2
2 of 18
AUGUST 2008
www.diodes.com
© Diodes Incorporated
Pin Assignment
( Top view )
MSOP-10L
PG
FB/Vout
NC
CC
PVCC
VCC
GND
PGND
LX
EN
1
2
3
4
56
7
8
9
10
Pin Descriptions
Pin Name
Pin NO.
I/O
Description
PVCC
1
I
Supply voltage input
VCC
2
Supply bypass pin. A 1
μF coupling capacitor should be connected as close
as possible to this pin.
GND
3
Ground
PG
4
O
Power good comparator output. A pull-up resistor should be connected
between PG and VO.
FB
5
I
Feedback pin for the fixed output voltage option.
CC
6
I
Compensation pin
NC
7
NC
No connect
EN
8
I
Enable.Pin, H: Enable. L:shutdown
LX
9
I/O
Connect the inductor to this pin.
PGND
10
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com