Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP6015 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP6015 Datasheet HTML 1Page - Diodes Incorporated AP6015 Datasheet HTML 2Page - Diodes Incorporated AP6015 Datasheet HTML 3Page - Diodes Incorporated AP6015 Datasheet HTML 4Page - Diodes Incorporated AP6015 Datasheet HTML 5Page - Diodes Incorporated AP6015 Datasheet HTML 6Page - Diodes Incorporated AP6015 Datasheet HTML 7Page - Diodes Incorporated AP6015 Datasheet HTML 8Page - Diodes Incorporated AP6015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev.
2
3 of 18
AUGUST 2008
www.diodes.com
© Diodes Incorporated
Block Diagram
+
-
PWM-COM
-
BANDGAP
Osc
Vramp
Current
Protection
-
+
ER-AMP
Buffer
-
+
PG_COM
UVLO
Open drain
TS
Bias
LX
FB
FB
PG
PG
CE
EN
CC
CC
PVCC
PGND
VCC
PGND
GND
PVCC
Vref=0.8V
Notes:
3. The adjustable output voltage version does not use the internal feedback resistor divider.
The FB pin is directly connected to the error amplifier.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2.5
KV
ESD MM
Machine Model ESD Protection
300
V
PVCC, VCC
Supply Voltage
-0.3 to +5.5
V
Voltages on pins EN, CC, PG, FB, LX
-0.3 to VIN +0.3
V
TJ(MAX)
Maximum Junction Temperature Range
+150
oC
TST
Storage temperature range
-65 to +150
oC
TOP
Operating Junction Temperature Range
-40 to +125
oC
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to
absolute-maximum-rated conditions for extended periods ma affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com