Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA3190 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA3190
Description  COMPLETE TV SOUND CHANNEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3190 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA3190 Datasheet HTML 1Page - STMicroelectronics TDA3190 Datasheet HTML 2Page - STMicroelectronics TDA3190 Datasheet HTML 3Page - STMicroelectronics TDA3190 Datasheet HTML 4Page - STMicroelectronics TDA3190 Datasheet HTML 5Page - STMicroelectronics TDA3190 Datasheet HTML 6Page - STMicroelectronics TDA3190 Datasheet HTML 7Page - STMicroelectronics TDA3190 Datasheet HTML 8Page - STMicroelectronics TDA3190 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
The electrical characteristics of the TDA3190 re-
main almost constant over the frequency range 4.5
to 6 MHz, therefore it can be used in all television
standards (FM mod.). The TDA3190 has a high
input impedance,so it can work with a ceramic filter
or with a tuned circuit that provide the necessary
input selectivity.
The value of the resistors connected to pin 9,
determine the AC gain of the audio frequency am-
plifier. This enables the desired gain to be selected
in relation to the frequency deviation at which the
output stage of the AF amplifier, must enter into
clipping.
Capacitor C8, connected between pins 10 and 11,
determines the upper cutoff frequency of the audio
bandwidth. To increase the bandwidth the values of
C8 and C7 must be reduced, keeping the ratio
C7/C8 as shown in the table of fig. 16.
The capacitor connecte d between pin 16 and
ground, together with the internal resistor of 10 K
Ω
forms the de-emphasis network. The Boucherot
cell eliminates the high frequency oscillations
caused by the inductiveload and the wires connect-
ing the loudspeaker.
APPLICATION INFORMATION
Figure 16 : Typical Application Circuit
Figure 17 : P.C. Board and Component Layout of the Circuit shown in Figure 16 (1 : 1 scale)
TDA3190
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com