Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA3190 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA3190
Description  COMPLETE TV SOUND CHANNEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3190 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA3190 Datasheet HTML 1Page - STMicroelectronics TDA3190 Datasheet HTML 2Page - STMicroelectronics TDA3190 Datasheet HTML 3Page - STMicroelectronics TDA3190 Datasheet HTML 4Page - STMicroelectronics TDA3190 Datasheet HTML 5Page - STMicroelectronics TDA3190 Datasheet HTML 6Page - STMicroelectronics TDA3190 Datasheet HTML 7Page - STMicroelectronics TDA3190 Datasheet HTML 8Page - STMicroelectronics TDA3190 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the test circuit, VS = 24V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Po
Output Power
d = 10%, fm = 400Hz,
fo = 4.5MHz,
∆f= ± 25kHz
Vs = 24V, RL =16
Vs = 12V, RL =8
4.2
1.5
W
W
d = 2%, fm = 400Hz,
fo = 4.5MHz,
∆f= ± 25kHz
Vs = 24V, RL =16
Vs = 12V, RL =8
3.5
1.4
W
W
Vi
Input Limiting Voltage (–3dB)
atPin 1
fo = 4.5MHz,
∆f= ± 7.5kHz,
fm = 400Hz, P1 =0
40
100
µV
d
Distortion
Po = 50mW, fm = 400Hz,
fo = 4.5MHz,
∆f= ± 7.5kHz
Vs = 24V, RL =16
Vs = 12V, RL =8
0.75
1
%
%
B
Frequency Response of audio
amplifier (–3dB)
RL =16
Ω,C8 = 120pF
C7 = 470pF, P1 = 22k
Rf =82
Rf =47
70 to 1200
70 to 7000
Hz
Hz
Vo
Recovered Audio Voltage (Pin16)
Vi
≥ 1mV, fo = 4.5MHz
fm = 400Hz,
∆f= ± 7.5kHz, P1 =0
120
mV
AMR
Ampliture Modulation Rejection
Vi
≥ 1mV, fo = 4.5MHz,
fm = 400Hz,
f = ± 25kHz, m = 0.3
55
dB
S
+ N
N
Signal to Noise Ratio
VI
≥ 1mV, Vo = 4V, fo = 4.5MHz,
fm = 400Hz,
∆f= ± 25kHz
50
65
dB
R3
External Feedback Resistance
(betweenPins9and11)
25
k
Ri
Input Resistance (Pin1)
Vi = 1mV, fo = 4.5MHz
30
k
Ci
Input Capacitance (Pin1)
5
pF
SVR
Supply Voltage Rejection
RL =16
Ω,fripple = 120Hz,
P1 = 22k
46
dB
Av
DC Volume Control Attenuation
P1 = 12k
90
dB
TYPICAL CIRCUIT
TDA3190
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com