Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA3190 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA3190
Description  COMPLETE TV SOUND CHANNEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3190 Datasheet(HTML) 8 Page - STMicroelectronics

  TDA3190 Datasheet HTML 1Page - STMicroelectronics TDA3190 Datasheet HTML 2Page - STMicroelectronics TDA3190 Datasheet HTML 3Page - STMicroelectronics TDA3190 Datasheet HTML 4Page - STMicroelectronics TDA3190 Datasheet HTML 5Page - STMicroelectronics TDA3190 Datasheet HTML 6Page - STMicroelectronics TDA3190 Datasheet HTML 7Page - STMicroelectronics TDA3190 Datasheet HTML 8Page - STMicroelectronics TDA3190 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
The Rth j-amb of the TDA3190 can be reduced by
soldering the GND pins to a suitable copper area
of the printed circuit board (fig. 18) or to an external
heatsink (fig. 19).
The diagram of figure 20 shows the maximum
dissipable power Ptot and the Rth j-amb as a func-
tion of the side ”l” of two equal square copper areas
having a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not
exceed 260
°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
MOUNTING INSTRUCTION
Figure 18 : Example of P.C. Board Copper Area
which is used as Heatsink
Figure 19 : External Heatsink Mounting Example
Figure 20 : Maximum Dissipable Power and Junc-
tion to Ambient Thermal Resistance
versus Side ”T”
Figure 21 : Maximum Allowable Power Dissipa-
tion versus Ambient Temperature
TDA3190
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com