Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7402 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7402
Description  CARRADIO SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 16Page - STMicroelectronics TDA7402 Datasheet HTML 17Page - STMicroelectronics TDA7402 Datasheet HTML 18Page - STMicroelectronics TDA7402 Datasheet HTML 19Page - STMicroelectronics TDA7402 Datasheet HTML 20Page - STMicroelectronics TDA7402 Datasheet HTML 21Page - STMicroelectronics TDA7402 Datasheet HTML 22Page - STMicroelectronics TDA7402 Datasheet HTML 23Page - STMicroelectronics TDA7402 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
TDA7402
20/59
1.11 Compander
Signal-Compression
A fully integrated signal-compressor with programmable Attack- and Decay-times is present in the A619 (see
Figure 15).
The compander consists of a signal-level detection, an A/D-Converter plus adder and the normal SoftStep-Vol-
ume-stage. First of all the left and the right InGain-signal is rectified, respectively, and the logarithm is build from
the summed signal. The following low-pass smooth the output-signal of the logarithm-amplifier and improves
the low-frequency suppression. The low-pass output-voltage then is A/D-converted an added to the current vol-
ume-word defined by the IIC-Bus. Assuming reference-level or higher at the compander input, the output of the
ADC is 0. At lower levels the voltage is increasing with 1Bit/dB. It is obvious that with this configuration and a
0.5dB-step volume-stage the compression rate is fixed to 2:1 (1dB less at the input leads to 0.5dB less at the
output).
The internal reference-level of the compander is programmable in three steps from 0.5VRMS to 2VRMS. For a
proper behavior of the compression-circuit it is mandatory to have at a 0dB input-signal exactly the programmed
reference-level after the InGain-stage. E.g. at a configured reference-level of 0.5VRMS the output of the InGain-
stage has to have also 0.5VRMS at 0dB source-signal (Usually the 0dB for CD is defined as the maximum pos-
sible signal-level). To adapt the external level to the internal reference-level the programmable attenuation in
the differential-stages and the InGain can be used.
Figure 15. Compander Block Diagram
Anti-Clipping
In a second application the compander-circuit can be used for a Anti-Clipping or Limiting function. In this case
one of the dedicated inputs (AM or MPin) is connected directly to the Clip-Detector of the Power-Amplifier. If no
clipping is detected, the open-collector output of the Power-Amplifier is highohmic and the input-voltage of the
rectifier is VREF. The level-detector interprets this as a very small signal and reacts with the maximum pro-
grammed compander-gain. In the application this gain has to be compensated by decreasing the volume with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com