Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7402 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7402
Description  CARRADIO SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7402 Datasheet HTML 1Page - STMicroelectronics TDA7402 Datasheet HTML 2Page - STMicroelectronics TDA7402 Datasheet HTML 3Page - STMicroelectronics TDA7402 Datasheet HTML 4Page - STMicroelectronics TDA7402 Datasheet HTML 5Page - STMicroelectronics TDA7402 Datasheet HTML 6Page - STMicroelectronics TDA7402 Datasheet HTML 7Page - STMicroelectronics TDA7402 Datasheet HTML 8Page - STMicroelectronics TDA7402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5/59
TDA7402
ELECTRICAL CHARACTERISTICS
VS = 9V; Tamb =25°C; RL =10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all single ended Inputs
70
100
130
k
Ω
VCL
Clipping Level
2.2
2.6
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
+1
dB
GIN MAX
Max. Input Gain
15
dB
GSTEP
Step Resolution
1
dB
VDC
DC Steps
Adjacent Gain Steps
1
mV
GMIN to GMAX
6mV
Voffset
Remaining offset with AutoZero
0.5
mV
DIFFERENTIAL STEREO INPUTS
Rin
Input Resistance
(see Figure 1)
Differential
70
100
130
k
Ω
GCD
Gain
only at true differential input
0
dB
-6
dB
-12
dB
CMRR
Common Mode Rejection Ratio
VCM =1VRMS @ 1kHz
46
70
dB
VCM =1VRMS @ 10kHz
46
60
dB
eNO
Output-Noise @ Speaker-Outputs 20Hz - 20kHz, flat; all stages 0dB
9
µV
DIFFERENTIAL MONO INPUTS
Rin
Input Impedance
Differential
40
56
k
Ω
CMRR
Common Mode Rejection Ratio
VCM =1VRMS @ 1kHz
40
70
dB
VCM =1VRMS @ 10kHz
40
60
dB
BEEP CONTROL
VRMS
Beep Level
Mix-Gain = 6dB
350
mV
fBeep
Beep Frequency
fBeep1
600
Hz
fBeep2
780
Hz
fBeep1
1.56
kHz
fBeep1
2.4
kHz
MIXING CONTROL
MLEVEL
Mixing Ratio
Main / Mix-Source
-6/-6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com