Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7402 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7402
Description  CARRADIO SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 22Page - STMicroelectronics TDA7402 Datasheet HTML 23Page - STMicroelectronics TDA7402 Datasheet HTML 24Page - STMicroelectronics TDA7402 Datasheet HTML 25Page - STMicroelectronics TDA7402 Datasheet HTML 26Page - STMicroelectronics TDA7402 Datasheet HTML 27Page - STMicroelectronics TDA7402 Datasheet HTML 28Page - STMicroelectronics TDA7402 Datasheet HTML 29Page - STMicroelectronics TDA7402 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
TDA7402
26/59
VPTHMO0 Pilot Threshold Voltage
for Mono, PTH = 0
19
mV
PLL
∆f/f
Capture Range
0.5
%
DEEMPHASIS and HIGHCUT
τDeempFM Deemphasis Timeconstants FM
VLEVEL >> VHCH
50
µs
VLEVEL >> VHCH
62.5
µs
VLEVEL >> VHCH
75
µs
VLEVEL >> VHCH
100
µs
MFM
Highcut Timeconstant Multiplier FM
VLEVEL << VHCL
3
τDeempAM Deemphasis Timeconstants AM
VLEVEL >> VHCH
37.5
µs
VLEVEL >> VHCH
47
µs
VLEVEL >> VHCH
56
µs
VLEVEL >> VHCH
75
µs
MAM
Highcut Timeconstant Multiplier AM
VLEVEL << VHCL
3.7
REF5V
Internal Reference Voltage
5
V
Lmin
min. LEVEL Gain
0
dB
Lmaxs
max. LEVEL Gain
6
dB
LGstep
LEVEL Gain Step Resolution
see section 2.7
0.4
dB
VSBLmin Min. Voltage for Mono
see section 2.8
20
%REF5V
VSBLmax Max. Voltage for Mono
see section 2.8
70
%REF5V
VSBLstep Step Resolution
see section 2.8
3.3
%REF5V
VHCHmin Min. Voltage for NO Highcut
see section 2.9
42
%REF5V
VHCHmax Max. Voltage for NO Highcut
see section 2.9
66
%REF5V
VHCHstep Step Resolution
see section 2.9
8.4
%REF5V
VHCLmin Min. Voltage for FULL High cut
see section 2.9
17
%VHCH
VHCLmax Max. Voltage for FULL High cut
see section 2.9
33
%VHCH
VHCLstep Step Resolution
see section 2.9
4.2
%REF5V
Carrier and harmonic suppression at the output
α19
Pilot Signal f=19kHz
50
dB
α38
Subcarrier f=38kHz
75
dB
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit
2.2 ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com