Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7405 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 7Page - STMicroelectronics TDA7405 Datasheet HTML 8Page - STMicroelectronics TDA7405 Datasheet HTML 9Page - STMicroelectronics TDA7405 Datasheet HTML 10Page - STMicroelectronics TDA7405 Datasheet HTML 11Page - STMicroelectronics TDA7405 Datasheet HTML 12Page - STMicroelectronics TDA7405 Datasheet HTML 13Page - STMicroelectronics TDA7405 Datasheet HTML 14Page - STMicroelectronics TDA7405 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11/56
TDA7405
2.1.3 Mono-differential Input 1 (MD1)
The MD1-input is designed as a basic differential stage with 56k
Ω input-impedance. This input is configurable
as a single-ended stereo input (see pin-out).
2.1.4 Mono-differential Input 2 (MD2)
The MD2-input has the same topology as MD1, but without the possibility to configure it to single ended.
2.1.5 Single-ended stereo Input (SE1), single-ended mono input (AM) and FM-MPX input
All single ended inputs offer an input impedance of 100kW. The AM-pin can be connected by software to the
input of the stereodecoder in order to use the AM-Noiseblanker and AM-High-Cut feature.
2.2 AutoZero
The AutoZero allows a reduction of the number of pins as well as external components by canceling any offset
generated by or before the In-Gain-stage (Please notice that externally generated offsets, e.g. generated
through the leakage current of the coupling capacitors, are not canceled).
The auto-zeroing is started every time the DATA-BYTE 0 is selected and needs max. 0.3ms for the alignment.
To avoid audible clicks the Audioprocessor is muted before the loudness stage during this time. The AutoZero-
feature is only present in the main signal-path.
2.2.1 AutoZero for Stereodecoder-Selection
A special procedure is recommended for selecting the stereodecoder at the main input-selector to guarantee
an optimum offset-cancellation:
(Step 0: SoftMute or Mute the signal-path)
Step 1: Temporary deselect the stereodecoder at all input-selectors
Step 2: Configure the stereodecoder via IIC-Bus
Step 3: Wait 1ms
Step 4: Select the stereodecoder at the main input-selector first
The root cause of this procedure is, that after muting the stereodecoder (Step 1), the internal stereodecoder
filters have to settle in order to perform a proper offset-cancellation.
2.2.2 AutoZero-Remain
In some cases, for example if the µP is executing a refresh cycle of the IIC-Bus-programming, it is not useful
to start a new AutoZero-action because no new source is selected and an undesired mute would appear at the
outputs. For such applications the A631 could be switched in the AutoZero-Remain-Mode (Bit 6 of the subad-
dress-byte). If this bit is set to high, the DATABYTE 0 could be loaded without invoking the AutoZero and the
old adjustment-value remains.
2.3 Pause Detector / MUX-Output
The pin number 40(Pause/MUX) is configurable for two different functions:
1. During Pause-Detector OFF this pin is used as a mono-output of the main input-selector. This signal is
often used to drive a level-/equalizer-display on the carradio front-panel.
2. During Pause-Detector ON the pin is used to define the time-constant of the detector by an external ca-
pacitor.
The pause-detector is driven by the internal stereodecoder-outputs in order to use pauses in the FM-signal for
alternate-frequency-jumps. If the signal-level of both stereodecoder channels is outside the programmed volt-
age-window, the external capacitor is abruptly discharged. Inside the pause-condition the capacitor is slowly re-
charged by a constant current of 25µA. The pause information is also available via IIC-Bus (see IIC-Bus
programming).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com