Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7405 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 30Page - STMicroelectronics TDA7405 Datasheet HTML 31Page - STMicroelectronics TDA7405 Datasheet HTML 32Page - STMicroelectronics TDA7405 Datasheet HTML 33Page - STMicroelectronics TDA7405 Datasheet HTML 34Page - STMicroelectronics TDA7405 Datasheet HTML 35Page - STMicroelectronics TDA7405 Datasheet HTML 36Page - STMicroelectronics TDA7405 Datasheet HTML 37Page - STMicroelectronics TDA7405 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
TDA7405
34/56
Figure 30. Highcut characteristics
5
FUNCTIONAL DESCRIPTION OF THE NOISEBLANKER
In the automotive environment the MPX-signal as well as the AM-signal is disturbed by spikes produced by the
ignition and other radiating sources like the wiper-motor. The aim of the noiseblanker part is to cancel the audi-
ble influence of the spikes. Therefore the output of the stereodecoder is held at the actual voltage for a time
between 22 and 38µs in FM (370 and 645µs in AM-mode). The blockdiagram of the noiseblanker is given in
Figure 31.
Figure 31. Block diagram of the noiseblanker
In a first stage the spikes must be detected but to avoid a wrong triggering on high frequency (white) noise a
complex trigger control is implemented. Behind the triggerstage a pulse former generates the "blanking"-pulse.
5.1 Trigger Path FM
The incoming MPX signal is highpass-filtered, amplified and rectified. This second order highpass-filter has a
corner-frequency of 140kHz. The rectified signal, RECT, is integrated (lowpass filtered) to generate a signal
called PEAK. The DC-charge/discharge behaviour can be adjusted as well as the transient behaviour(MP-dis-
charge control). Also noise with a frequency 140kHz increases the PEAK voltage. The PEAK voltage is fed to
a threshold generator, which adds to the PEAK-voltage a DC-dependent threshold VTH. Both signals, RECT
and PEAK+VTH are fed to a comparator which triggers a re-triggerable monoflop. The monoflop's output acti-
vates the sample-and-hold circuits in the signalpath for the selected duration
5.2 Noise Controlled Threshold Adjustment (NCT)
There are mainly two independent possibilities for programming the trigger threshold:
1. the low threshold in 8 steps (bits D1 to D3 of the noiseblanker-byte I)
2. and the noise adjusted threshold in 4 steps (bits D4 and D5 of the noiseblanker-byte I, see Figure 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com