Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7405 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 33Page - STMicroelectronics TDA7405 Datasheet HTML 34Page - STMicroelectronics TDA7405 Datasheet HTML 35Page - STMicroelectronics TDA7405 Datasheet HTML 36Page - STMicroelectronics TDA7405 Datasheet HTML 37Page - STMicroelectronics TDA7405 Datasheet HTML 38Page - STMicroelectronics TDA7405 Datasheet HTML 39Page - STMicroelectronics TDA7405 Datasheet HTML 40Page - STMicroelectronics TDA7405 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
37/56
TDA7405
5.6 Dual-MPX Mode
The TDA7405 is able to support a twin tuner concept via the Dual-MPX-Mode. In this configuration the MPX-pin
and the MD2G-pin are acting as MPX1 and MPX2 inputs. The DC-Voltage at the MD2-pin controls whether one
or both MPX-signals are used to decode the stereo FM-signal. It is designed as a window-comparator with the
characteristic shown in Figure 33 (Please note that the thresholds have a hysteresis of 500mV). In this mode
the stereodecoder highohmic-mute mutes both inputs in parallel.
Figure 33. Blockdiagram Dual MPX
Table 6. Pin-Configuration DMPX-/WSM-Mode
5.7 Weak-Signal Mute
For use with front-ends which do not support a weak-signal-mute function the TDA7405 offers this feature as
well. If this mode is enabled the pins 26 and 27 are used as an AC-coupling behind the Mute-Stage (see block-
diagram). In parallel pin 12 (AMIF) is switched internally to realize a mute time-constant with fast attack- and
slow decay-time.
Dual MPX
Weak-Signal
Mute
AMIF(12)
DMPXC(25)
MPX2(26)
MD2(43)
MD2G(44)
off
off
AMIF-In
not used
not used
MD2-In
MD2-Gnd
off
on
WSM-TC
WSM-In
WSM-Out
MD2-In
MD2-Gnd
on
off
AMIF-In
DMPC-Cntrl
MPX2
MD2-In
MD2-Gnd
on
on
WSM-TC
WSM-In
WSM-Out
DMPC-Cntrl
MPX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com