Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML2724 Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML2724_05 Datasheet HTML 17Page - Micro Linear Corporation ML2724_05 Datasheet HTML 18Page - Micro Linear Corporation ML2724_05 Datasheet HTML 19Page - Micro Linear Corporation ML2724_05 Datasheet HTML 20Page - Micro Linear Corporation ML2724_05 Datasheet HTML 21Page - Micro Linear Corporation ML2724_05 Datasheet HTML 22Page - Micro Linear Corporation ML2724_05 Datasheet HTML 23Page - Micro Linear Corporation ML2724_05 Datasheet HTML 24Page - Micro Linear Corporation ML2724_05 Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005 21
LVLO - Register 0, Bit 10
Low Voltage Lock Out:
The LVLO bit enables a transmit low voltage lockout latch, which shuts off the transmitter by
de-asserting the PAON output. This latch is set if the supply voltage drops below 2.65V and is reset when the RXON
control input goes high (see Table 12).
LVLO
PAON BEHAVIOR
0
PAON Undisturbed
1
PAON de-asserted when VCCA<2.65V,
Reset by RXON high.
Table 12: LVLO Operation
RCLP - Register 0, Bit 11
RSSI Clip Enable:
The RCLP bit disables the RSSI clipping circuitry. With RCLP low, the RSSI output voltage is
clipped to a maximum of about 2.0V at –10dBm. With RCLP high, the RSSI is not clipped. (see Table 13).
RCLP
RSSI BEHAVIOR
0
RSSI output clipped to a maximum of ~1.9V at –15dBm
1
RSSI output not clipped
Table 13: RCLP Operation
CHQ <11:0> - Register 1, Bits 2-13
Channel Frequency Selection:
These bits set the RF carrier frequency for the transceiver (see Table 14). With a
6.144MHz or 12.288MHz clock at the FREF pin, the channel frequency value is calculated by multiplying the CHQ value
by 1.024.
The recommended operating range value of the CHQ is from 2,346 to 2,424. These bits must be
programmed to a valid channel frequency before XCEN is asserted.
B15
B14
B13 TO B2
B1
B0
0
0
CHQ - PLL Divide Ratio
0
1
Table 14: Main Divider
The divide ratio is calculated as f
C
/1.024 where f
C
is the channel frequency in MHz.
fC=1.024 * CHQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com