Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML2724 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML2724_05 Datasheet HTML 5Page - Micro Linear Corporation ML2724_05 Datasheet HTML 6Page - Micro Linear Corporation ML2724_05 Datasheet HTML 7Page - Micro Linear Corporation ML2724_05 Datasheet HTML 8Page - Micro Linear Corporation ML2724_05 Datasheet HTML 9Page - Micro Linear Corporation ML2724_05 Datasheet HTML 10Page - Micro Linear Corporation ML2724_05 Datasheet HTML 11Page - Micro Linear Corporation ML2724_05 Datasheet HTML 12Page - Micro Linear Corporation ML2724_05 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005
9
21
TXO
O (Analog)
TX RF open-collector output. This output
requires a DC path to VCCA.
22
TXOB
O (Analog)
Complementary TX RF open-collector
output. This output requires a DC path to
VCCA. For single-ended output
applications, this pin should be
connected to a dummy load that includes
a DC path to VCCA.
TXOB
TXO
GNDRF
18
21
22
DATA
7
AOUT
A (Analog)
Multi-function Output. In Analog output
mode this is output drives an off chip
data slicer. In Transmit power control
mode this is an open drain output, which
is pulled low when the TPC bit is serial
register #1, is clear. Transitions on TPC
are synchronized to the falling edge of
RXON. In analog test modes this pin and
the RSSI output become test access
points controlled by the serial control
bus.
31
VSS
VDD
100
Ω
7
AOUT
8
TPQ
MUX
VSS
8
TPC
MUX
TPC
AOUT
MUX
30
DIN
I (CMOS)
Transmit Data Input. Drives the transmit
pulse shaping circuits. Serial digital data
on this pin becomes FSK modulation on
the Transmit RF output. The logic timing
on this pin controls data timing. Internal
circuits determine the modulation
deviation. This is a standard CMOS input
referenced to VDD and VSS.
See Pin 1 below.
32
DOUT
O (CMOS)
Serial digital output after demodulation,
chip rate filtering and center data slicing.
A CMOS level output (VSS to VDD) with
controlled slew rates. A low drive output
designed to drive a PCB trace and a
CMOS logic input while generating
minimal RFI. In digital test modes this pin
becomes a test access port controlled by
the serial control bus.
31
VSS
VDD
250
Ω
32 DOUT
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com