Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML2724 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML2724_05 Datasheet HTML 6Page - Micro Linear Corporation ML2724_05 Datasheet HTML 7Page - Micro Linear Corporation ML2724_05 Datasheet HTML 8Page - Micro Linear Corporation ML2724_05 Datasheet HTML 9Page - Micro Linear Corporation ML2724_05 Datasheet HTML 10Page - Micro Linear Corporation ML2724_05 Datasheet HTML 11Page - Micro Linear Corporation ML2724_05 Datasheet HTML 12Page - Micro Linear Corporation ML2724_05 Datasheet HTML 13Page - Micro Linear Corporation ML2724_05 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005 10
MODE CONTROL AND INTERFACE LINES
1
XCEN
I (CMOS)
Enables the bandgap reference and
voltage regulators when high. Consumes
only leakage current in STANDBY mode
when low. This is a CMOS input, and the
thresholds are referenced to VDD and
VSS.
2
RXON
I (CMOS)
TX/RX Control Input. Switches the
transceiver between TRANSMIT and
RECEIVE modes. Circuits are powered
up and signal paths reconfigured
according to the operating mode. This is
a CMOS input, and the thresholds are
referenced to VDD and VSS.
1
VSS
XCEN
VDD
RXON
DIN
2
30
31
8
3
PAON
O (CMOS)
PA Control Output. Enables the off-chip
PA at the correct times in a Transmit slot.
Goes high when transmit RF is present
at TXO; goes low
5μs before transmit RF
is removed from TXO. Has interlock logic
to shut down the PA if the PLL does not
lock.
31
VSS
VDD
3
PAON
8
9
FREF
I
Input for the 12.288MHz or 6.144MHz
reference frequency. This input is used
as the reference frequency for the PLL
and as a calibration frequency for the on-
chip filters. An AC-coupled sine or
square wave source drives this self-
biased input.
9
VSS
FREF
VCCA
24
8
40k
40k
11
QPO
O
Charge Pump Output of the phase
detector. This is connected to the
external PLL loop filter.
10
VSS
RVPLL
11 QPO
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com