Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VK05 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VK05
Description  ELECTRONIC DRIVER FOR CFL APPLICATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VK05 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VK05 Datasheet HTML 4Page - STMicroelectronics VK05 Datasheet HTML 5Page - STMicroelectronics VK05 Datasheet HTML 6Page - STMicroelectronics VK05 Datasheet HTML 7Page - STMicroelectronics VK05 Datasheet HTML 8Page - STMicroelectronics VK05 Datasheet HTML 9Page - STMicroelectronics VK05 Datasheet HTML 10Page - STMicroelectronics VK05 Datasheet HTML 11Page - STMicroelectronics VK05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
VK05CFL
Waveforms below was obtained by using the application demoboard mounted for european market:
COMPONENT LIST
5W to 15W lamp
Reference
Value
T1
Lp=3,1mH, N1/N2=N1/N3=10
L0
820
µH
D0,D1,D2,D3
1N4007
C1, C12
22
µF/200V electrolytic
(for Europe to replace C1, C12 with
Cx=3,3
µF/400V)
C2, C3
100nF/250V
C4
2,4nF/400V
C5, C6
1.2nF/63V
C7
470pF/400V
C8
22nF/100V
C10, C11
1.5nF/100V
R0
10
Ω 1/2W
R1, R2
1M
Ω 1/4W
R4, R5
2.2K
Ω 1/4W
U1, U2
VK05CFL
>15W to 23W lamp
Reference
Value
T1
Lp=2,1mH, N1/N2=N1/N3=10
L0
820
µH
D0,D1,D2,D3
1N4007
C1, C12
22
µF/200V electrolytic
(for Europe Cx=6.8
µF/400V)
C2, C3
100nF/250V
C4
2,4nF/400V
C5, C6
1nF/63V
C7
470pF/400V
C8
22nF/100V
C10, C11
1.5nF/100V
R0
10
Ω 1/2W
R1, R2
1M
Ω 1/4W
R4, R5
1K
Ω 1/2W
U1, U2
VK05CFL
Device power dissipation Vs. power lamp
Device
∆T (T
amb=25 °C) for different power lamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com