Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VK05 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VK05
Description  ELECTRONIC DRIVER FOR CFL APPLICATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VK05 Datasheet(HTML) 3 Page - STMicroelectronics

  VK05 Datasheet HTML 1Page - STMicroelectronics VK05 Datasheet HTML 2Page - STMicroelectronics VK05 Datasheet HTML 3Page - STMicroelectronics VK05 Datasheet HTML 4Page - STMicroelectronics VK05 Datasheet HTML 5Page - STMicroelectronics VK05 Datasheet HTML 6Page - STMicroelectronics VK05 Datasheet HTML 7Page - STMicroelectronics VK05 Datasheet HTML 8Page - STMicroelectronics VK05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
VK05CFL
ELECTRICAL CHARACTERISTICS (Tcase=25°C unless otherwise specified)
FORWARD
REVERSE
OSC
DIAC
SEC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCS(sat)
Collector-Source Saturation Voltage Vsec=10V; IC=300mA
1.4
2.8
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCSr
Collector-Source Reverse Voltage
IC= -300mA
-1
-1.5
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOSC
Osc Output Current
Vsec=10V; VOSC=0V
300
µA
VOSC(th)
Osc Turn-off Voltage
Vsec=10V
1.6
2
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vdiac(thH)
Diac On Threshold
28
31
35
V
Vdiac(thL)
Diac Off Threshold
18
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vsec(clH)
Sec Clamp High
Isec=20mA; VOSC=0V
22
V
Vsec(clL)
Sec Clamp Low
Isec= -10mA
25
V
Vsec(on)
Sec Turn-on Voltage
IC=10mA; VOSC=0V
3.5
4.5
5.5
V
Isec(on)
Sec On Current
Vsec=10V; VOSC=0V;
IC=300mA
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com