Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VK05 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VK05
Description  ELECTRONIC DRIVER FOR CFL APPLICATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VK05 Datasheet(HTML) 2 Page - STMicroelectronics

  VK05 Datasheet HTML 1Page - STMicroelectronics VK05 Datasheet HTML 2Page - STMicroelectronics VK05 Datasheet HTML 3Page - STMicroelectronics VK05 Datasheet HTML 4Page - STMicroelectronics VK05 Datasheet HTML 5Page - STMicroelectronics VK05 Datasheet HTML 6Page - STMicroelectronics VK05 Datasheet HTML 7Page - STMicroelectronics VK05 Datasheet HTML 8Page - STMicroelectronics VK05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
VK05CFL
ABSOLUTE MAXIMUM RATING
THERMAL DATA
(*) When mounted on a standard single-sided FR-4 board with 100mm2 of Cu (at least 35
µm thick).
CONNECTION DIAGRAM
PIN FUNCTIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCS
Collector-Source Voltage
520
V
Isec
Input Current (secondary)
-100
140
mA
Vsec
Input Voltage (secondary)
Internally limited
V
ICM
Collector Peak Current
-1.8
1.8
A
IOSC
Osc Pin Current
100
mA
VOSC
Osc Pin Voltage
Internally limited
V
Tj
Max Operating Junction Temperature
-40
150
°C
Tstg
Storage Temperature Range
-55
150
°C
Symbol
Parameter
Value
Unit
R thj-lead
Thermal Resistance Junction - lead
Max
15
°C/W
R thj-amb
Thermal Resistance Junction - ambient
Max
52 (*)
°C/W
Pin Name
Pin Function
Collector
Collector of the NPN high voltage transistor in the cascode configuration.
Source
Low voltage Power MOSFET source in the cascode configuration and GROUND reference.
diac
Input of the diac block to start the system up at the beginning.
sec
Connection with secondary winding of the voltage transformer, in order to trigger and to supply the
device.
osc
Output via to charge external capacitor necessary to set the steady state working frequency.
SO-8
Collector
Collector
Collector
Collector
sec
Source
osc
diac
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com