Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL848 Datasheet(PDF) 39 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 39 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 35Page - GENESYS LOGIC GL848 Datasheet HTML 36Page - GENESYS LOGIC GL848 Datasheet HTML 37Page - GENESYS LOGIC GL848 Datasheet HTML 38Page - GENESYS LOGIC GL848 Datasheet HTML 39Page - GENESYS LOGIC GL848 Datasheet HTML 40Page - GENESYS LOGIC GL848 Datasheet HTML 41Page - GENESYS LOGIC GL848 Datasheet HTML 42Page - GENESYS LOGIC GL848 Datasheet HTML 43Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 39
7-0 VALIDWORD
The available image data stored in SDRAM for host to read.
[23:16]
The unit is in word.
Offset 44h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
VALIDWORD
15
VALIDWORD
14
VALIDWORD
13
VALIDWORD
12
VALIDWORD
11
VALIDWORD
10
VALIDWORD
9
VALIDWORD
8
R
R
R
R
R
R
R
R
7-0 VALIDWORD
The available image data stored in SDRAM for host to read.
[15:8]
The unit is in word.
Offset 45h
VALIDWORD
7
VALIDWORD
6
VALIDWORD
5
VALIDWORD
4
VALIDWORD
3
VALIDWORD
2
VALIDWORD
1
VALIDWORD
0
R
R
R
R
R
R
R
R
7-0 VALIDWORD
The available image data stored in SDRAM for host to read.
[7:0]
The unit is in word.
Offset 46h
X
X
X
X
X
X
X
FERDDATA8
X
X
X
X
X
X
X
R
7-1 RESERVED
-
0 FERDDATA [8] This port is for designers to read control register from front-end.
Offset 47h
FERDDATA7 FERDDATA6 FERDDATA5 FERDDATA4 FERDDATA3 FERDDATA2 FERDDATA1 FERDDATA0
R
R
R
R
R
R
R
R
7-0 FERDDATA [7:0] This port is for designers to read control register from front-end.
Offset 48h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
X
X
X
FEDCNT20 FEDCNT19 FEDCNT18 FEDCNT17 FEDCNT16
X
X
X
R
R
R
R
R
7-5 RESERVED
-
4-0 FEDCNT [20:16] Steps number which motor has moved.
For example, after setting the moving steps number (Reg 3D, 3E 3F) and
execute the moving command (Reg 0F), designers can get steps number which
has been moved via these registers. It can be reset to zero by CLRMCNT
command.
The unit is in quarter step.
Offset 49h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
FEDCNT15 FEDCNT14 FEDCNT13 FEDCNT12 FEDCNT11 FEDCNT10 FEDCNT9
FEDCNT8
R
R
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com