Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL848 Datasheet(PDF) 49 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 49 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 45Page - GENESYS LOGIC GL848 Datasheet HTML 46Page - GENESYS LOGIC GL848 Datasheet HTML 47Page - GENESYS LOGIC GL848 Datasheet HTML 48Page - GENESYS LOGIC GL848 Datasheet HTML 49Page - GENESYS LOGIC GL848 Datasheet HTML 50Page - GENESYS LOGIC GL848 Datasheet HTML 51Page - GENESYS LOGIC GL848 Datasheet HTML 52Page - GENESYS LOGIC GL848 Datasheet HTML 53Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 49
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 GPIO [8:1]
GPIO8~1 input/output ports
Offset 6Eh ……..……..………………..………..….………..….………..…..…. Default value = 8’h00
GPOE16
GPOE15
GPOE14
GPOE13
GPOE12
GPOE11
GPOE10
GPOE9
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 GPOE [16:9]
Select directions of GPIO16~9 ports. They can be set to different values
independently.
0
Set as input port.
1
Set as output port.
Offset 6Fh ……..……..………………..………..….………..….………..…..…. Default value = 8’h00
GPOE8
GPOE7
GPOE6
GPOE5
GPOE4
GPOE3
GPOE2
GPOE1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 GPOE [8:1]
Select directions of GPIO8~1 ports. They can be set to different values
independently.
0
Set as input port.
1
Set as output port.
Offset 70h ……..………………………..………..….………..….………..…..…. Default value = 8’h06
X
X
X
RSH4
RSH3
RSH2
RSH1
RSH0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RSH [4:0]
Rising edge position of CCD RS.
Offset 71h ……..………………………..………..….………..….………..…..…. Default value = 8’h08
X
X
X
RSL4
RSL3
RSL2
RSL1
RSL0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RSL [4:0]
Falling edge position of CCD RS.
(1) Color, gray or line-art: 12 clocks(phase)/pixel
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
CCD RS : RSH=08H
RSL=0BH
Note: 16 clocks(phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12 clocks(phase)/pixel mode.
Offset 72h ……..………………………..………..….………..….………..…..…. Default value = 8’h08
X
X
X
CPH4
CPH3
CPH2
CPH1
CPH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com