Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL848 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 9Page - GENESYS LOGIC GL848 Datasheet HTML 10Page - GENESYS LOGIC GL848 Datasheet HTML 11Page - GENESYS LOGIC GL848 Datasheet HTML 12Page - GENESYS LOGIC GL848 Datasheet HTML 13Page - GENESYS LOGIC GL848 Datasheet HTML 14Page - GENESYS LOGIC GL848 Datasheet HTML 15Page - GENESYS LOGIC GL848 Datasheet HTML 16Page - GENESYS LOGIC GL848 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 13
Reference level sampling clock for Analog Device AFE;
General Purpose Output.
HOME/DOC_SENR
I
Document sensor for ADF operation;
Home sensor for flatbed operation.
CCD_CK1X
O
CCD Shift register clock1 or CIS clock output.
CCD_CPX/GPO32
O
CCD Clamp gate clock or CIS clock output;
General Purpose Output.
When power-on initiates the scanner, this pin is used as
mode-select pin. Normally, it is for CCD Transfer gate clock for R
channel or CIS Line start pulse.
When power-on initiates the scanner, this pin is used as
mode-select pin. Normally, it is for CCD Shift register clock2 or
CIS clock output.
When power-on initiates the scanner, this pin is used as
mode-select pin. Normally, it is for CCD Reset gate clock or
CIS clock output.
When power-on initiates the scanner, this pin is used as
mode-select pin. Normally, it is for CCD Shift register clock3.
CCD_TGX/TSTSEL0
CCD_CK2X/TSTSEL1
CCD_RSX/TSTSEL2
CCD_CK3X/TSTSEL3
B
Normal mode is TSTSEL[3:0] = 4’b0000
When power-on initiates the scanner, this pin is used as
motor-select pin. Normally, it is for CCD Shift register clock4, or
General Purpose Output.
When power-on initiates the scanner, this pin is used as
motor-select pin. Normally, it is for CCD Transfer gate clock of G
channel.
When power-on initiates the scanner, this pin is used as
motor-select pin. Normally, it is for CCD Transfer gate clock of B
channel.
CCD_CK4X/GPO33/MTR_SEL0
CCD_TGG/MTR_SEL1
CCD_TGB/MTR_SEL2
B
MTR_SEL[2:0]=111 select Phase Table to output any timing
MTR_SEL[2:0]=100 select 3967
MTR_SEL[2:0]=011 select LB1939T/LB1940T
MTR_SEL[2:0]=001 select Bi_polar 2916 or 6219
MTR_SEL[2:0]=000 select Uni_polar
2003
LAMP_SW/LED_R
O
Flatbed lamp power control;
CIS Red LED array control
XPA_SW/LED_G
O
Transparency lamp power control;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com