Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBTRC241SS Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTRC241SS
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTRC241SS Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMBTRC241SS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMBTRC241SS…MMBTRC246SS
Characteristics at Tamb=25 OC
Symbol
Min.
TYP
Max.
Unit
Output Cut-off Current
at VO=30V
MMBTRC241SS~246SS
IO(OFF)
-
-
10
µA
MMBTRC241SS
33
-
-
MMBTRC242SS
39
-
-
MMBTRC243SS
47
-
-
MMBTRC244SS
56
-
-
MMBTRC245SS
56
-
-
DC Current Gain
at VO=5V, IO=50mA
MMBTRC246SS
GI
56
-
-
Output Voltage
at IO=10mA, II=0.5mA
MMBTRC241SS~246SS
VO(ON)
-
-
0.3
V
MMBTRC241SS
-
-
3
MMBTRC242SS
-
-
3
MMBTRC243SS
-
-
3
MMBTRC244SS
-
-
3
MMBTRC245SS
-
-
3
Input Voltage (ON)
at VO=0.3V, IO=20mA
MMBTRC246SS
VI(ON)
-
-
3
V
MMBTRC241SS~244SS
0.5
-
-
Input Voltage(OFF)
at VO=5V,IO=0.1mA
MMBTRC245SS~246SS
VI(OFF)
0.3
-
-
V
Transition Frequency
at VO=10V, IO=5mA, f=100MHz
MMBTRC241SS~246SS
fT
1)
-
200
-
MHz
MMBTRC241SS
-
-
7.2
MMBTRC242SS
-
-
3.8
MMBTRC243SS
-
-
1.8
MMBTRC244SS
-
-
0.88
MMBTRC245SS
-
-
7.2
Input Current
at VI=5V
MMBTRC246SS
II
-
-
3.6
mA
1) Characteristic of Transistor Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com