Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBTRC241SS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTRC241SS
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTRC241SS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MMBTRC241SS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMBTRC241SS…MMBTRC246SS
NPN Silicon Epitaxial Planar Transistor
for high current switching, interface circuit and driver
circuit application.
With Built-in Bias Resistors
Simplify Circuit Design
Reduce a Quantity of Parts and Manufacturing Process
High Output Current: 300mA
SOT-23 Plastic Package
TYPE NO.
R1(KΩ)R2(KΩ)
MMBTRC241SS
1
1
MMBTRC242SS
2.2
2.2
MMBTRC243SS
4.7
4.7
MMBTRC244SS
10
10
MMBTRC245SS
1
10
MMBTRC246SS
2.2
10
Absolute Maximum Ratings (Ta = 25 OC)
Symbol
Rating
Unit
Output Voltage
MMBTRC241SS~246SS
VO
50
V
MMBTRC241SS
10, -10
MMBTRC242SS
12, -10
MMBTRC243SS
20, -10
MMBTRC244SS
30, -10
MMBTRC245SS
10,
-5
Input Voltage
MMBTRC246SS
VI
12,
-6
V
Output Current
IO
300
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
MMBTRC241SS~246SS
TS
-55~+150
O
C
R1
R2
IN
OUT
COMMON


Similar Part No. - MMBTRC241SS

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
MMBTRC241SS PJSEMI-MMBTRC241SS Datasheet
3Mb / 6P
NPN Digital Transistor
More results

Similar Description - MMBTRC241SS

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com