Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBTRC241SS Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTRC241SS
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTRC241SS Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  MMBTRC241SS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. MMBTRC241SS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMBTRC246SS
MMBTRC246SS
0.1
MMBTRC246SS
Io - VI(OFF)
Vo=5.0V
MMBTRC245SS
Vo=5.0V
MMBTRC245SS
50
30
10
1
0
500
300
100
1K
3K
500
300
100
50
30
3K
5K
1K
Ta=-25 C
50
OUTPUT CURRENT Io (mA)
3
10
30
100
300
1K
10
30
INPUT OFF VOLTAGE VI(OFF) (V)
1.2
1.0
0.8
0.4
0.2
0.6
Ta=100 C
GI - Io
Ta=25 C
o
o
o
0
1.4
1.6
100
500
300
1K
3K
500
30
50
100
300
1K
5K
3K
Vo=0.3V
MMBTRC245SS
3
0.3
0.5
1
0.1
100
30
50
5
10
500
300
INPUT ON VOLTAGE VI(ON) (V)
100
Ta=-25 C
Ta=25 C
0.3
1
3
o
10
30
o
Io - VI(ON)
300
1K
3
0.3
1
0.5
5
10
50
30
100
300
500
Io - VI(OFF)
100
OUTPUT CURRENT Io (mA)
10
1
3
30
300
1K
Ta=-25 C
Ta=25 C
INPUT OFF VOLTAGE VI(OFF) (V)
1.0
0.8
0.4
0.2
0.6
Vo=5.0V
o
Ta=100 C
GI - Io
Vo=5.0V
1.4
1.6
1.2
o
o
INPUT ON VOLTAGE VI(ON) (V)
Ta=-25 C
Ta=25 C
3
0.3
1
o
10
30
o
Vo=0.3V
Io - VI(ON)
300
100
1K
MMBTRC241SS~MMBTRC246SS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com