Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAXQ3180-RAN+ Datasheet(PDF) 83 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 83 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 82Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 83Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 84Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 85Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 86Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 87Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
83
Hardware Mirror Registers
ADC Configuration (R_ACFG) (0x04C)
This register is a mirror of a CPU register in the MAXQ3180. This register should not be modified by supervisory
code.
ADC Conversion Rate (R_ADCRATE) (0x04E)
This register specifies the number of system clock cycles between consecutive ADC conversions. It defaults to
0x13F (319 decimal), which specifies 320 CPU clock cycles between conversions. This register is a mirror of a CPU
register in the MAXQ3180.
Bit:
7
6
5
4
3
2
1
0
Name:
ADCASD
ADCRY
ADCCD
ADCBY
ADCIE
ARBE
ADCE
Reset:
0
0
0x0
0
1
1
1
BIT
NAME
FUNCTION
7
ADCASD
Disable ADC Automatic Shutdown. Normally, the ADC analog section is powered off following a
conversion to conserve power. If this bit is set, the ADC leaves the analog section powered on
following a conversion.
6
ADCRY
ADC Data Ready. When a conversion is complete, this bit is set to indicate that data is available. This
bit generates an interrupt if ADCIE is set.
5:4
ADCCD
ADC Clock Divider. Sets the division ratio between the CPU master and ADC clock.
00 = divide by 1
01 = divide by 2
10 = divide by 4
11 = reserved
3
ADCBY
ADC Busy. When set, a single ADC conversion cycle is in progress. The bit is cleared on the
conclusion of the conversion cycle.
2
ADCIE
ADC Interrupt Enable. If set, the ADC interrupts the CPU at the completion of a conversion cycle.
1
ARBE
Reference Buffer Enable. If set, the reference buffer is enabled to drive the REFO pin.
0
ADCE
ADC Enable. If set, the ADC hardware is activated.
Bit:
15
14
13
12
11
10
9
8
Name:
ADC Conversion Rate High Byte
Reset:
—
—
—
—
—
—
—
1
Bit:
7
6
5
4
3
2
1
0
Name:
ADC Conversion Rate Low Byte
Reset:
0x3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com